Part Number Hot Search : 
48F70 1106FD 15KE130 MAX664 SA20A CD17HS 91MT120K RM78704
Product Description
Full Text Search
 

To Download 2032441-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Ready
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
DESCRIPTION
Tyco Electronics introduces the Ultraminiature Coax Connector and Cable Assembly series products. The UMCC series is an ultra low profile coax interconnect solution that meets the ever growing demand for miniaturization in next generation wireless applications. UMCC cable assemblies and connectors are available as double-ended jumpers and inter-series assemblies, and PCB jack receptacles for board mount applications. Tyco Electronics specializes in solving tough problems with cable assemblies designed and manufactured to meet the most demanding requirements. Tyco Electronics can engineer custom UMCC solutions to meet special requirements. By making Tyco Electronics your partner in cable assembly design, you reduce risk and gain assurance that you will receive your assembly on time, to specification and within budget.
APPLICATIONS
* Wireless LAN, Mini PCI * Mobile Antenna/GPS/Radio Systems * PDA / PCS / Cellular Handset * *
applications Wireless Communications systems (LAN, GSM, PCS, WCDMA, UMTS) Remote measuring equipment
For More Information
Technical Support Internet:
http://tycoelectronics.com/products/rfcoax Email: product.info@tycoelectronics.com US Product Manager Cable Assemblies -- David Stonfer Phone: 717-986-5950 Email: david.stonfer@tycoelectronics.com Global Product Manager Connectors -- Claude de Lorraine Phone: 717-986-5793 Email: cdelorraine@tycoelectronics.com Europe Product Manager -- Rob Smeets Phone: +31-736246327 Email: r.smeets@tycoelectronics.com USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-1106-0803 South America: 55-112103-6000 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 31 73 6246 431
KEY FEATURES
* Ultra low profile (2.0mm Type II or * * * * * * *
2.5mm Type III maximum mated height) Easy snap on/off mating Small footprint on PCB (3mm x 3mm) Excellent performance to 6 GHz Surface mount and reflow solderable 360 degree mated rotation Available on 0.81mm, 1.13mm, and 1.37mm dia single shield, and 1.32mm dia double shield cable Compatible with Hirose U.FL/U.FL(v) Series connectors
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 2
SPECIFICATIONS ELECTRICAL
Characteristic Impedance: Frequency Range: VSWR (mated pair): Insertion Loss (connectors only): Rated voltage: Dielectric Withstanding Voltage: Insulation Resistance: Contact Resistance (connectors only): 50 Ohms DC to 6 GHz 1.30 max DC to 3 GHz 1.5 max 3 to 6 GHz (typical) 0.24 dB max DC to 6 GHz 60 VAC (rms) - standard recept 200 VAC, 50 Hz for 1 min (at sea level) 500 Megohms min 20 milliohms max (Center) 10 milliohms max (Outer, Plug) 10 milliohms max (Outer, Receptacle)
MECHANICAL / ENVIRONMENTAL
Durability: Disengagement Force: Center Contact Retention force: Tape/Reel Packaging (receptacle): Operating Temperature: 30 cycles - standard recept 2N min perpendicular 4N min orthogonal 0.15N min 12mm carrier per EIA-481 - 40C to + 90C
MATERIAL
Part Description Shell Male Center Contact Female Center Contact Insulator (Plug) Insulator (Receptacle) Material Phosphor Bronze Brass or Phos Bronze Brass or Phos Bronze PBT (15% G.F.) LCP Finish Gold or Silver Plating Gold Plating Gold Plating Black, UL94V-0 Beige or Black, UL94V-0
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 3
SPECIFICATIONS
CABLE INFORMATION 0.81 mm Diameter MATERIALS: Center Conductor Size Dielectric Size Shield Coverage Jacket Size MECHANICAL: Minimum Bend Radius Silver Plated Copper Stranded 7/0.05 mm FEP or PFA 0.40 mm OD Silver Plated Copper Braid > 90% FEP or PFA 0.81 mm OD 5 mm Single Bend 30 mm Continuous Flexing 502 70% 1.450 60 VAC See Chart 1.13 mm Diameter Silver Plated Copper Stranded 7/0.08 mm FEP 0.62 mm OD Silver Plated Copper Braid > 90% FEP 1.13 mm OD 5 mm Single Bend 30 mm Continuous Flexing 502 70% 0.750 60 VAC See Chart 1.32mm Diameter Silver Plated Copper Stranded 7/0.08 mm FEP 0.66 mm OD Double SPL Braid > 90% > 90% 1.32 mm OD 5 mm Single Bend 30 mm Continuous Flexing 502 70% 0.560 60 VAC See Chart 1.37mm Diameter Silver Plated Copper Stranded 7/0.10 mm FEP 0.83 mm OD Silver Plated Copper Braid > 90% > 90% 1.37 mm OD 5 mm Single Bend 30 mm Continuous Flexing 502 70% 0.354 60 VAC See Chart
ELECTRICAL: Impedance (Ohms) Velocity of Propagation CC Resistance (Ohms/M) Voltage Rating Attenuation
UMCC CABLE ATTENUATION
1 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10
0.81mm OD 1.13mm OD 1.37mm OD 1.32mm OD
1.5
2
2.5
3
Frequency (GHz) 3.5 4
4.5
5
5.5
6
Dimensions are millimeters [inches] unless otherwise specified.
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 4
Standard Double Ended Cable Assemblies
H (MAX) Printed Circuit Board
Receptacle
Part Number 2015698-4 2015698-2 2015698-3 2015699-3 2015699-1 2015699-2 2015487-6 2015487-4 2015487-5 2015700-3 2015700-1 2015700-2 2015357-2 2015357-3 2015357-4
Cable Dia 0.81mm 0.81mm 0.81mm 0.81mm 0.81mm 0.81mm 1.13mm 1.13mm 1.13mm 1.32mm 1.32mm 1.32mm 1.37mm 1.37mm 1.37mm
Length L 50mm 100mm 200mm 50mm 100mm 200mm 50mm 100mm 200mm 50mm 100mm 200mm 50mm 100mm 200mm
UMCC Cable Connector Type II II II III III III III III III III III III III III III
Mated Height (H) 2.0mm 2.0mm 2.0mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm
L
4mm REF
Total Length (mm) 25< L <200 200< L <700 700< L <900 900< L
Note: Shortest length L is 25mm
Standard Tolerance ) (mm) +/- 2 +/- 3 +/-4 +/-5
Custom cable assembly lengths available. Contact Tyco Electronics with specific requirements.
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 5
Interseries Cable Assemblies
Part Number 2032439-1 2032440-1 2032445-1 2032446-1 2032407-2 2032441-1 2032442-1 2032443-1 2032444-1 Description UMCC to STD SMA Plug UMCC to STD SMA BHD Jack UMCC to R/P SMA BHD Jack UMCC to R/P TNC BHD Jack UMCC to STD TNC BHD Jack UMCC to MCX R/A Plug UMCC to MCX R/A Plug UMCC to MMCX R/A Plug UMCC TO MMCX R/A Plug Cable Dia 1.37mm 1.37mm 1.13mm 1.13mm 1.13mm 0.81mm 1.37mm 0.81mm 1.37mm UMCC Conn Type III III III III III II III II III Mated Height (H) 2.5mm 2.5mm 2.5mm 2.5mm 2.5mm 2.0mm 2.5mm 2.0mm 2.5mm
200mm
20mm REF
200mm
20mm REF
200mm
20mm REF
200mm
20mm REF
200mm
20mm REF
Standard length is 200mm. Custom cable assembly lengths and connector configurations are available. Contact Tyco Electronics with specific requirements.
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 6
Adapters
Part Number 1775230-1 1775227-1
Description UMCC Plug to SMA Jack UMCC Jack Receptacle to SMA Plug
UMCC Conn Type II/III II/III
10.0 [0.393]
14.0 [0.551]
5.6 [0.22]
5.3 [0.208]
2.5 6.25 [0.098] [0.246]
Part Number 1775230
10.60 [0.417] 1.90 [0.074] 1.10 [0.043]
8 HEX
Part Number 1775227
Dimensions are millimeters [inches] unless otherwise specified
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 7
PCB Receptacles
H (MAX) Printed Circuit Board
Receptacle
Part Number 1566230-1 1566230-2
Description UMCC PCB Receptacle UMCC PCB Receptacle
Mates with UMCC Cable Conn Type II/III II/III
Mated Height (H) 2.0mm/2.5mm 2.0mm/2.5mm
Packaging Tape (2500 pieces/reel) Bulk (500 pieces/bag)
UMCC PCB Receptacle
NO CONDUCTIVE TRACES IN THIS AREA
Dimensions are millimeters [inches] unless otherwise specified
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 8
Application Notes
Soldering Profile - SMT Receptacle
Recommended Temperature Profile (Reference) 1) The preferred technique for mounting the SMT Receptacle package is to reflow solder the device onto a PCB (Printed Circuit Board). 2) The maximum temperature for the lead of PCB surface does not exceed 240 . 3) The right reflow soldering profile is for reference and will modify under individual different conditions. Hand Soldering (Reference only) 1) Soldering iron: The maximum temperature 240 . 2) Soldering period: within 5 seconds.
Tape and Reel Packaging Specifications
Standard Receptacles
2.0+0.1 1.75 4.0+0.1 1.50 CENTERCONTACT 0.30
1.4
330
5.5 12.0
13.0
1.60 8.0 DIMENSIONS OF TAPING DIMENSIONS REEL (2500 PIECES/REEL)
UMCC - Ultraminiature Coax Connector & Cable Assembly Series
Page 9
Application Notes
Extraction Tool
Part Number: 1775231-1
5.00
Mating/Unmaking -- Cable Plugs
PULLING TOOL
1) To mate the connectors, insert the cable plug into the SMT receptacle, making sure the cable plug is as vertical as possible and the mating axis of both connectors are aligned. Do not insert on an extreme angle. 2) To unmate the connectors, insert the end portion of the extraction tool under the SMT receptacle connector flanges and pull off vertically in the direction of the mating axis.
STEP 1
STEP 2
RECEPTACLE
Permissible Load
Do not apply excessive load to the cable after the connectors are mated. Please refer to the permissible loads indicated in the figure to the right.
PRINT CIRCUIT BOARD
2N MAX.
RF COAX. CABLE 4N MAX.
2N MAX.
Disclaimer While Tyco Electronics Corporation and its affiliates referenced herein ("Tyco Electronics") have made every reasonable effort to ensure the accuracy of the information in this catalog, Tyco Electronics does not guarantee that it is error free, nor does Tyco Electronics make any other representation, warranty or guarantee that the information is accurate, correct reliable or current. Tyco Electronics reserves the right to make any adjustments to the information contained herein at any time without notice. Tyco Electronics expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a particular purpose. Tyco Electronics' only obligations are those in the Tyco Electronics Standard Terms and Conditions of Sale, and in no case will Tyco Electronics be responsible for any incidental, indirect, or consequential damages arising from the sale, resale, or misuse of its products. Users should independently evaluate the suitability of, and test each product for, their application
Copyright 2008 by Tyco Electronics Corporation. All Rights Reserved. TE LOGO and TYCO ELECTRONICS are trademarks. HIROSE is a trademark of Hirose Electric U.S.A. Hirose Electric U.S.A. is not affiliated with the UMCC product. Other products, logos, and Company names mentioned herein maybe trademarks of their respective owners. 1-1773441-5_08/08_CCCE_PDF


▲Up To Search▲   

 
Price & Availability of 2032441-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X